PART |
Description |
Maker |
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
FFB05U120S FFB05U120STM |
5.0A/1200V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER High voltage and high reliability
|
FAIRCHILD[Fairchild Semiconductor]
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
MUR110 MUR110S MUR120 MUR120S MUR140S MUR160S MUR1 |
Super Fast Recovery Pack: DO-15 Super Fast Recovery Pack: DO-41 Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
|
Gulf Semiconductor
|
SRGPP10Y |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1600V CURRENT: 1.0A
|
Gulf Semiconductor
|
RGPP15A RGPP15B RGPP15D RGPP15G RGPP15J RGPP15K RG |
Fast Recovery Pack: DO-15 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
HVR-1X-3 HVR-1X-4 HVR-1X3 UX-FOB 2CL2F 2CL2G 2CL2H |
High Voltage Power Dioes Standard and Ultra Recovery 高压电源Dioes标准和超恢复 High Voltage Dioes Standard AND Ultra-FAST Recovery 高压Dioes标准和超快恢
|
HV Component ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
BYT03-400RL BYT03-400 BYT03-40001 BYT03 |
FAST RECOVERY RECTIFIER DIODE FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY ULTRAFAST DIODE Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
ST Microelectronics STMicroelectronics
|
SEN-3698 |
High Voltage Multiplier Fast Recovery HIGH VOLTAGE MULTIPLIER, FAST RECOVERY
|
Sensitron ETC List of Unclassifed Manufacturers http://
|
R3500F |
0.2A Fast Recovery High Voltage Rectifier
|
Shenzhen Luguang Electr...
|